PART |
Description |
Maker |
IR2010PBF-15 |
Floating channel designed for bootstrap operation
|
International Rectifier
|
AUIRS2003S AUIRS2003S-15 |
Floating channel designed for bootstrap operation
|
International Rectifier
|
AUIRS2181S AUIRS2181S-15 |
Floating channel designed for bootstrap operation
|
International Rectifier
|
AUIRS2332J AUIRS2332J-15 |
Floating channel designed for bootstrap operation
|
International Rectifier
|
IRS2001MPBF IRS2001MPBF-15 |
Floating channel designed for bootstrap operation
|
International Rectifier
|
AUIRS2128STR AUIRS2127STR AUIRS21281S AUIRS21271S |
Automotive Grade Floating channel designed for bootstrap operation Automotive Grade
|
International Rectifier
|
MAX3082 MAX3084 MAX3086 MAX3089 MAX3080-MAX3089 MA |
Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers Fail-Safe.High-Speed (10Mbps).Slew-Rate-Limited RS-485/RS-422 Transceivers 失效保护、高10Mbps)、限摆率、RS-485/RS-422收发 Floating-Point Digital Signal Processor 352-FC/CSP LINE TRANSCEIVER, PDSO8 Fixed-Point Digital Signal Processor 697-FCBGA Replaced by TMS320C6722B : Floating-Point Digital Signal Processor 144-HTQFP Replaced by TMS320C6713B : Floating-Point Digital Signal Processor 272-BGA Floating-Point Digital Signal Processors 272-BGA Replaced by TMS320C6711D : Floating-Point Digital Signal Processor 256-BGA
|
Maxim Integrated Produc... Maxim Integrated Products, Inc.
|
SF2135A |
Designed for Wide Channel IF Filtering
|
RF Monolithics, Inc
|
REC-10LA |
Precision Linear Transducers, Designed for Mount in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element, Designed for High Pressure Chamber of Small Cylinders, Equipped with Glass-Sealed Electrical Outputs
|
Vishay
|
A4933 |
The A4933 is a 3-phase controller for use with N-channel external power MOSFETs and is specifically designed for automotive applications.
|
Allegro MicroSystems
|
NE56610 NE56610-42GW NE56610-45GW NE56612-45GW NE5 |
Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems 家庭旨在生成一个微处理器和逻辑的各种复位信号系统设 Family of devices designed to generate a reset signal for a variety of microprocessor and logic systems 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MCP809 MCP809T-270I_TT MCP809T-300I_TT MCP809T-315 |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP809 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP810 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP810 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP809 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d MICROCONTROLLER SUPERVISORY CIRCUIT WITH PUSH-PULL OUTPUT
|
Microchip Technology Inc.
|